Part Number Hot Search : 
UDZS33B 2DF5VSA NTE1451 MRF449 HPL31PT AUIRF7 TY0131A HER10
Product Description
Full Text Search
 

To Download AJAV-6752 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  avago technologies - 1 - description the AJAV-6752 is a complete, high-performance power amplifier for wcdma and hspa wireless communications. based on a unique, patented architecture, the AJAV-6752 integrates circuitry for tx filtering, rf coupling, power regulation, input and output matching, and power control. the pa (power amplifer) is powered by a connection to the battery and is implemented in a standard cmos process. the AJAV-6752 contains integrated directional couplers, 50-ohm input and output matching networks, and rf input and output dc blocking capacitors. all of these functions are integrated in a 15-pin surface- mount leadless package of 3 mm 4.2 mm form-factor and 0.9-mm thickness, so it can minimize the number of external components. the integrated lb and hb directional couplers are daisy-chained internally. one coupler input port and one coupler output port are shared by the both bands. the AJAV-6752 has integrated on-chip vref and on-module bias switch, so the external ld o regulators and switches for external vref are not required. it also makes the pa fully digital-controllable by the base band chipset. the ven pin turns the pa on and off by the digital control signal. all of the digital control input pins, such as the ven, vmode0, and vmode1, are fully cmos compatible down to the 1.8v logic. features ? thin package (0.9 mm typical) ? fifteen-pin surface mounting package ? small 3 mm 4.2 mm package size ? internal 50-ohm matching networks for both rf input and output ? three-mode power control with vmode0 and vmode1 ? compatible with the apt application ? low average current ? high capacity cmos process ? high-performance 3g power amplifier umts band 2 (1850 mhz ~ 1910 mhz) umts band 5 (824 mhz ~ 849 mhz) wcdma, hspa, and hspa+ compliant ? integrated tx filtering delivers the best noise in the industry ? integrated coupler coupler and isolation ports for daisy chain ? green C lead-free and rohs compliant applications ? band 2 umts ? band 5 utms ordering information part number number of devices container AJAV-6752-tr1 1,000 178 mm (7 in.) tape/reel AJAV-6752 wcdma/hspa band 2 and band 5 3.0 mm 4.2 mm dual-band power amplifier module product brief
avago technologies - 2 - AJAV-6752 product brief marking specification and package dimensions marking specification and package dimensions 1jo 5017*&8 3&' 4*%&7*&8 #0550.7*&8 1jo $
   r   r   r  y y #4$ y    %jnfotjpotbsfjonn "+"7%fwjdf$pef 5$pvousz$pef ).bovgbduvsjoh4juf$pef :::fbs 888psl8ffl ;;;;;;;;"ttfncmzmpu *oufsobujpobm.bsljoh*efoujgjdbujpo 7"(0 "+"7 5)::88 ;;;;;;;;  3fg 5pmfsbodft y r  yy r      
for product information and a complete list of distributors, please go to our web site: www.avagotech.com avago, avago technologies, and the a logo are trademarks of avago technologies in the united states and other countries. all other brand and product names may be trademarks of their respective companies. data subject to change. copyright ? 2015 avago technologies. all rights reserved. av02-4866en C 2015-03-24 pin description pin # name description 1 lb_en low band enable 2 lb_in low band input 3 vbat dc supply voltage 4 hb_in low band input 5 vm1 mode control 6 vm0 mode control 7 hb_en high band enable 8 cplo coupler output 9gnd rf input 10 cpli coupler input 11 hb_out high band output 12 vcc dc supply voltage 13 gnd ground 14 lb_out low band output 15 gnd ground


▲Up To Search▲   

 
Price & Availability of AJAV-6752

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X